Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 35 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics BLUENRG-2 Datasheet HTML 38Page - STMicroelectronics BLUENRG-2 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
35/190
This mode enables the monitoring of the temperature by means of an internal sensor, with
the following voltage to temperature conversion:
��������������������(°����) = ������������ ∗ (�������������������� − (
������������������������
��������_16(������������)
) ∗ ����������������) + ��������������������������������
With:
ADCRAW is the value ADC_CONV[31:16].
FS_16(OSR) is the full scale factor for ADCRAW it depends on the oversampling ratio
(OSR):
FS_16(32) = FS_16(64) = 35442
FS_16(100) = FS_16(200) = 41260
VREF represents the digital core power supply, equals to 2*VDD1V2 = 2.4.
Vbias is 0.6 V.
KTC is 401
OFFSETTC is -267 °C
To ensure an accurate temperature reading, average the value over several reads.
3.6.3
ADC registers
ADC peripheral base address (ADC_BASE_ADDR) 0x40800000.
Table 31: ADC registers
Address
offset
Name
RW
Reset
Description
0x00
CTRL
RW
0x00000000
ADC control register. Refer to the detailed
description below.
0x04
CONF
RW
0x0000000C
ADC configuration register. Refer to the
detailed description below.
0x08
IRQSTAT
R
0x00000000
IRQ masked status register. Refer to the
detailed description below.
0x0C
IRQMASK
RW
0x0000000F
It sets the mask for ADC interrupt. Refer to
the detailed description below.
0x14
DATA_CONV
R
0x00000000
Result of the conversion in two
complement format.
0x18
OFFSET
RW
0x00000000
Offset for correction of converted data
0x20
SR_REG
RW
0x00000000
ADC status register. Refer to the detailed
description below.
0x24
THRESHOLD_HI
RW
0xFFFFFFFF
High threshold for window comparator
0x28
THRESHOLD_LO
RW
0x00000000
Low threshold for window comparator
Table 32: ADC - CTRL register description: address offset ADC_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
0
ON
0x0
RW
Starts ADC analog subsystem. This bit must be set before
starting a conversion.
0: ADC is OFF.
1: ADC is ON.
1
CALEN
0x0
RW
Enables the calibration phase when set to 1. This bit is
cleared and the calibration is disabled by setting the
RSTCALEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com