Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 116 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 190 page
background image
Functional details
BlueNRG-2
116/190
DocID030675 Rev 2
Name
Type
Buffer strength(1)
Pull-up / pull-down
availability
Reset state
Default state
IO13
I
10 mA
No pull
Input
GPIO mode
IO14
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO15
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO16
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO17
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO18
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO19
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO20
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO21
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO22
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO23
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO24
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO25
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
Notes:
(1)See Table 217: "Digital I/O specifications"
All the IOs are in high impedance under reset. All the IOs are in high impedance in low
power modes (sleep and standby). If pre-programmed as wake up sources, pins IO9, IO10
and IO11 are in input pull up.
Table 137: IO pull values
Name
Description
Min.
Typ.
Max.
Unit
Digital input and output when 1.8 V supply
RPD
Pull-down value
117
202
363
kΩ
RPU
Pull-up value
135
211
334
Digital input and output when 3.3 V supply
RPD
Pull-down value
53
84
144
kΩ
RPU
Pull-up value
57
81
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com