Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 118 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 190 page
background image
Functional details
BlueNRG-2
118/190
DocID030675 Rev 2
Address
offset
Name
RW
Reset
Description
0x30
MODE1
RW
0x00000110
Select mode for IO8 to IO15.
000b: GPIO mode.
001b: Serial1 mode.
100b: Serial0 mode.
101b: Serial2 mode.
Refer to the detailed description below.
0x34
MODE2
RW
0x00000000
Select mode for IO16 to IO23.
000b: GPIO mode.
001b: Serial1 mode.
100b: Serial0 mode.
101b: Serial2 mode.
Refer to the detailed description below.
0x38
MODE3
RW
0x00000000
Select mode for IO24 to IO25.
000b: GPIO mode.
001b: Serial1 mode.
100b: Serial0 mode.
101b: Serial2 mode.
Refer to the detailed description below.
0x3C
DATS
RW
0x00000000
Set some bits of DATA when in GPIO mode without
affecting the others (1 bit per IO).
0: no effect.
1: set at 1 the bit
0x40
DATC
RW
0x00000000
Clear some bits of DATA when in GPIO mode without
affecting the others (1 bit per IO)
0: no effect.
1: clear at 0 the bit
0x44
MFTX
RW
0x00000000
Select the IO to be used as capture input for the
MFTX timers. Refer to the detailed description below.
Table 139: GPIO
– DATA register description: address offset GPIO_BASE_ADDR+0x00
Bit
Field
name
Reset
RW
Description
31:0
DATA
0x00000000
RW
IO0 to IO25 data value.
Writing to a bit will drive the written value on the
corresponding IO when it is configured in GPIO mode and the
output direction. Reading a bit indicates the pin value.
Table 140: GPIO
– OEN register description: address offset GPIO_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
31:0
OEN
0x00000000
RW
GPIO output enable register (1 bit per GPIO).
0: Input mode
1: Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com