Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 121 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
121/190
Bit
Field name
Reset
RW
Description
26:24
IO14
0x0
RW
IO14 mode
27
RESERVED
0x0
R
RESERVED
30:28
IO15
0x0
RW
IO15 mode
31
RESERVED
0x0
R
RESERVED
Table 151: GPIO
– MODE2 register description: address offset GPIO_BASE_ADDR+0x34
Bit
Field name
Reset
RW
Description
2:0
IO16
0x0
RW
IO16 mode
3
RESERVED
0x0
R
RESERVED
6:4
IO17
0x0
RW
IO17 mode
7
RESERVED
0x0
R
RESERVED
10:8
IO18
0x0
RW
IO18 mode
11
RESERVED
0x0
R
RESERVED
14:12
IO19
0x0
RW
IO19 mode
15
RESERVED
0x0
R
RESERVED
18:16
IO20
0x0
RW
IO20 mode
19
RESERVED
0x0
R
RESERVED
22:20
IO21
0x0
RW
IO21 mode
23
RESERVED
0x0
R
RESERVED
26:24
IO22
0x0
RW
IO22 mode
27
RESERVED
0x0
R
RESERVED
30:28
IO23
0x0
RW
IO23 mode
31
RESERVED
0x0
R
RESERVED
Table 152: GPIO
– MODE3 register description: address offset GPIO_BASE_ADDR+0x38
Bit
Field name
Reset
RW
Description
2:0
IO24
0x0
RW
IO24 mode
3
RESERVED
0x0
R
RESERVED
6:4
IO25
0x0
RW
IO25 mode
31:7
RESERVED
0x0
R
RESERVED
Table 153: GPIO
– DATS register description: address offset GPIO_BASE_ADDR+0x3C
Bit
Field
name
Reset
RW
Description
31:0
DATS
0x00000000
RW
Set some bits of DATA when in GPIO mode without
affecting the others (1 bit per IO).
0: No effect
1: Set at 1 the bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com