Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 123 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics BLUENRG-2 Datasheet HTML 126Page - STMicroelectronics BLUENRG-2 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
123/190
Pulse-accumulate mode
External-event mode
Prescaled system clock mode
Slow clock input mode (available only if 32 MHz system clock is used, allows to
divide by 2 and obtains a 16 MHz system clock as clock source).
Two I/O pins (TnA and TnB) with programmable edge detection that operate as:
Capture and preset inputs
External event (clock) inputs
PWM outputs.
Two interrupts, one for each counter, that can be triggered by a:
Timer underflow
Timer reload
Input capture
Pulse train for generation of single or multiple PWM pulses.
3.13.2
MFT functional description
The MFT can be configured in five different modes. At each mode is associated a particular
function for the two timers both for counter and reload registers as reported in Table 156:
"MFT modes".
Table 156: MFT modes
Mode
Description
Timer
Counter 1
(TnCNT1)
Reload / capture A
(TnCRB)
Reload / Capture
B (TnCRB)
Timer
Counter 2
(TnCNT2)
1
PWM and
system timer or
external event
counter
Counter for
PWM
Auto reload A =
PWM time 1
Auto reload B =
PWM time 2
System time
or external
event
1a
PWM pulse train
Counter for
PWM
Auto reload A =
PWM time 1
Auto reload B=
PWM time 2
Pulse
counter
2
Dual-input
capture and
system timer
Capture A
and B time
base
Capture
timer/counter 1
value upon TnA
event
Capture
Timer/counter 1
value upon TnB
event
System
timer
3
Dual
independent
timer
Time base
for first timer
Reload register
fortimer/counter 1
Reload register
for timer/counter 2
Time base
for second
timer
4
Single-input
capture and
single timer
Time base
for first timer
Reload register
forTimer/Counter 1
Capture
timer/counter 1
value upon TnB
event
Capture B
time base
3.13.2.1
MFT mode 1: processor-independent PWM
In Mode1, the timer counter 1 (TnCNT1) can be used to generate a PWM signal on an
output pin of the device. In this mode, the PWM output can emulate a clock signal with
customized duty-cycle. Indeed, the TnCNT1 is alternatively reloaded by TnCRB and
TnCRB registers. The initial value of the PWM output signal can be selected by software to
be either high or low thanks to the TnAOUT bit in TnMCTRL register. This bit impacts
which reload value, is used for high level and low level of the PWM signal as shown in
Figure 15: "PWM signal" below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com