Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 119 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
119/190
Table 141: GPIO
– PE register description: address offset GPIO_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
31:0
PE
0x03FFFFFF
RW
Pull enable (1 bit per IO).
0: Pull disabled.
1: Pull enabled.
Table 142: GPIO
– DS register description: address offset GPIO_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
31:0
DS
0x00000000
RW
IO driver strength (1 bit per IO).
0: low drive
1: high drive
Table 143: GPIO
– IS register description: address offset GPIO_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
31:0
IS
0x00000000
RW
Interrupt sense register (1 bit per IO).
0: Edge detection.
1: Level detection.
Table 144: GPIO
– IBE register description: address offset GPIO_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
31:0
IBE
0x00000000
RW
Interrupt edge register (1 bit per IO).
0: Single edge
1: Both edges
Table 145: GPIO
– IEV register description: address offset GPIO_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
31:0
IEV
0x00000000
RW
Interrupt event register (1 bit per IO).
0: Falling edge or low level.
1: Rising edge or high level.
Table 146: GPIO
– IE register description: address offset GPIO_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
31:0
IE
0x00000000
RW
Interrupt mask register (1 bit per IO).
0: Interrupt disabled
1: Interrupt enabled
Table 147: GPIO
– MIS register description: address offset GPIO_BASE_ADDR+0x24
Bit
Field name
Reset
RW
Description
31:0
MIS
0x00000000
R
Masked interrupt status register (1 bit per IO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com