Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 122 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics BLUENRG-2 Datasheet HTML 120Page - STMicroelectronics BLUENRG-2 Datasheet HTML 121Page - STMicroelectronics BLUENRG-2 Datasheet HTML 122Page - STMicroelectronics BLUENRG-2 Datasheet HTML 123Page - STMicroelectronics BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics BLUENRG-2 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 190 page
background image
Functional details
BlueNRG-2
122/190
DocID030675 Rev 2
Table 154: GPIO
– DATC register description: address offset GPIO_BASE_ADDR+0x40
Bit
Field
name
Reset
RW
Description
31:0
DATC
0x00000000
RW
Clear some bits of DATA when in GPIO mode without
affecting the others (1 bit per IO).
0: No effect
1: Clear at 0 the bit
Table 155: GPIO - MFTX register description: address offset GPIO_BASE_ADDR+0x44
Bit
Field name
Reset
RW
Description
7:0
MFT1_TIMER_A
0x0
RW
MFT1 timer A.
0x00: IO0
0x01: IO1
0x02: IO2
...
0x19: IO25
15:8
MFT1_TIMER_B
0x0
RW
MFT1 timer B
0x00: IO0
0x01: IO1
0x02: IO2
...
0x19: IO25
23:16
MFT2_TIMER_A
0x0
RW
MFT2 timer A
0x00: IO0
0x01: IO1
0x02: IO2
...
0x19: IO25
31:24
MFT2_TIMER_B
0x0
RW
MFT2 timer B
0x00: IO0
0x01: IO1
0x02: IO2
...
0x19: IO25
3.13
MFT
3.13.1
MFT introduction
The BlueNRG-2 integrates two multi functions timers (MFT).
Main features are:
Two 16-bit programmable timer/counters.
Two 16-bit reload/capture registers that function either as reload registers or as
capture registers, depending on the mode of operation.
An 8-bit fully programmable clock prescaler.
Clock source selectors that allow each counter to operate in:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com