Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 106 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 190 page
background image
Functional details
BlueNRG-2
106/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
25
BERRIC
0x0
RW
Bus Error interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
27:26
RESERVED
0x0
R
RESERVED
28
MTDWSIC
0x0
RW
Master transaction done without stop interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
31:29
RESERVED
0x0
R
RESERVED
Table 113: I2C - THDDAT register description: address offset I2CX_BASE_ADDR+0x4C
Bit
Field name
Reset
RW
Description
8:0
THDDAT
0x14
RW
Hold time data value. In master or slave mode, when the I2C
controller detects a falling edge in the SCL line, the counter,
which is loaded by the THDDAT, is launched. Once the
THDDAT value is reached, the data is transferred.
31:9
RESERVED
0x0
R
RESERVED
Table 114: I2C - THDSTA_FST_STD register description: address offset
I2CX_BASE_ADDR+0x50
Bit
Field name
Reset
RW
Description
8:0
THDSTA_STD
0xE2
RW
Hold time start condition value for standard mode. When the
start condition is asserted, the decimeter loads the value of
THDSTA_STD for standard mode, once the THDSTA_STD
value is reached, the SCL line asserts low.
15:9
RESERVED
0x0
R
RESERVED
24:16
THDSTA_FST
0x3F
RW
Hold time start condition value for fast mode. When the start
condition is asserted, the decimeter loads the value of
THDSTA_FST for fast mode, once the THDSTA_FST value
is reached, the SCL line assert slow.
31:25
RESERVED
0x0
R
RESERVED
Table 115: I2C - TSUSTA_FST_STD register description: address offset
I2CX_BASE_ADDR+0x58
Bit
Field name
Reset
RW
Description
8:0
TSUSTA_STD
0xE2
RW
Setup time start condition value for standard mode. After a
non-stop on the SCL line the decimeter loads the value of
TSUSTA_STD according to standard mode. Once the
counter is expired, the start condition is generated.
15:9
RESERVED
0x0
R
RESERVED
24:16
TSUSTA_FST
0x1D
RW
Setup time start condition value for fast mode. After a non-
stop on the SCL line the decimeter loads the value of
TSUSTA_FST according to fast mode. Once the counter is
expired the start condition is generated.
31:25
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com