Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 128 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 124Page - STMicroelectronics BLUENRG-2 Datasheet HTML 125Page - STMicroelectronics BLUENRG-2 Datasheet HTML 126Page - STMicroelectronics BLUENRG-2 Datasheet HTML 127Page - STMicroelectronics BLUENRG-2 Datasheet HTML 128Page - STMicroelectronics BLUENRG-2 Datasheet HTML 129Page - STMicroelectronics BLUENRG-2 Datasheet HTML 130Page - STMicroelectronics BLUENRG-2 Datasheet HTML 131Page - STMicroelectronics BLUENRG-2 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 190 page
background image
Functional details
BlueNRG-2
128/190
DocID030675 Rev 2
selected for TnCNT2. Thus, it is possible to determine the number of capture events on
TnB or the elapsed time between capture events on TnB by using TnCNT2.
3.13.2.4
MFT mode 3: dual independent timer/counter mode
This Mode3 allows using the two Timer/Counter 1 and 2 separately.
The Timer/Counter1 can be used:
As a system counter: to count down at the rate of the selected clock.
To generate a 50% duty-cycle clock signal on TnA pin connected to the PWMx pin of
the device (TnCNT1 reloaded by TnCRB on underflow).
To be an event counter using TnB pin as an external event or pulse-accumulate input.
The Timer/Counter2 can be used:
As a system counter: to count down at the rate of the selected clock.
To be an event counter using TnB pin as an external event or pulse-accumulate input.
In figure below the block diagram related to the MFT mode 3.
Figure 19: MFT mode 3 block diagram
In Mode 3, the timer/counter is configured to operate as a dual independent system timer
or dual external-event counter. In addition, Timer/Counter 1 can generate a 50% duty cycle
PWM signal on the TnA pin. The TnB pin can be used as an external-event input or pulse-
accumulate input, and serve as the clock source to either Timer/Counter 1 or
Timer/Counter 2. Both counters can also be operated from the prescaled system clock.
Timer/Counter 1 (TnCNT1) counts down at the rate of the selected clock. Upon underflow,
TnCNT1 is reloaded from the TnCRB register and counting proceeds. If enabled, the TnA
pin toggles upon underflow of TnCNT1. The initial value of the TnA output can be selected
by software to be either high or low. In addition, the TnAPND interrupt-pending flag is set,
and a timer interrupt 1 is generated if the TnAIEN bit is set. Since TnA toggles upon every
underflow, a 50% duty-cycle PWM signal can be generated on TnA without requiring any
interaction of the software or the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com