Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 186 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 182Page - STMicroelectronics BLUENRG-2 Datasheet HTML 183Page - STMicroelectronics BLUENRG-2 Datasheet HTML 184Page - STMicroelectronics BLUENRG-2 Datasheet HTML 185Page - STMicroelectronics BLUENRG-2 Datasheet HTML 186Page - STMicroelectronics BLUENRG-2 Datasheet HTML 187Page - STMicroelectronics BLUENRG-2 Datasheet HTML 188Page - STMicroelectronics BLUENRG-2 Datasheet HTML 189Page - STMicroelectronics BLUENRG-2 Datasheet HTML 190Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 186 / 190 page
background image
PCB assembly guidelines
BlueNRG-2
186/190
DocID030675 Rev 2
11
PCB assembly guidelines
For Flip Chip mounting on the PCB, STMicroelectronics recommends the use of a solder
stencil aperture of 330 x 330 µm maximum and a typical stencil thickness of 125 µm.
Flip Chips are fully compatible with the use of near eutectic 95.8% Sn, 3.5% Ag, 0.7% Cu
solder paste with no-clean flux. ST's recommendations for Flip-Chip board mounting are
illustrated on the soldering reflow profile shown in Figure 34: "Flip Chip CSP (2.71 x 2.58 x
0.5 pitch 0.4 mm) package reflow profile recommendation".
Figure 34: Flip Chip CSP (2.71 x 2.58 x 0.5 pitch 0.4 mm) package reflow profile
recommendation
Table 231: Flip Chip CSP (2.71 x 2.58 x 0.5 pitch 0.4 mm) package reflow profile
recommendation
Profile
Value
Typ.
Max.
Temp. gradient in preheat (T = 70 - 180 °C/s
0.9 °C/s
3 °C/s
Temp. gradient (T = 200 - 225 °C)
2 °C/s
3 °C/s
Peak temp. in reflow
240 - 245 °C
260 °C
Time above 200 °C
60 s
90 s
Temp. gradient in cooling
-2 to -3 °C
-6 °C/s
Time from 50 to 220 °C
160 to 220 °C
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damage. Peak temperature must not
exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, especially above 150 °C.
Flip Chips are able to withstand three times the previous recommended reflow profile to be
compatible with a double reflow when SMDs are mounted on both sides of the PCB plus
one additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com