Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
CS7620
46
DS301PP2
0
n_int8
Exposure Time in Low Resolution Mode: Number of lines of exposure during readout (262 =
all readout).
See register 26h for more details.
Bit Mnemonic
Function
(1) 0000
(1+3) 0100
(1+3+5) 0101
(1+5) 0001
1x
2x+
3x+
2x
RGRGR
GBGBG
RGRGR
GBGBG
RGRGR
(line 1)
(line 5)
(1) 0000
(1+4) 0010
1x
2x+
RGBRG
GBRGB
BRGBR
RGBRG
GBRGB
(line 1)
(line 5)
Figure 29. 2 million pixel IBM CCD (5:1 reduction)
Figure 30. 2 million pixel IBM CCD (5:1 reduction) RGB
pattern
* note that in this mode the RGB pattern
switches to RBG in the vertical direction.
(1) 0000
(1+4) 0010
1x
2x+
RGBR
GBRG
BRGB
RGBR
GBRG
(line 1)
(line 5)
(1) 0000
(1+3) 0100
1x
2x
RGRGRGRG
GBGBGBGB
RGRGRGRG
GBGBGBGB
RGRGRGRG
(line 1)
(line 8)
Line 1
Line 2
Line 1+
Line 2+
(6)
(6+8)
GBGBGBGB
RGRGRGRG
GBGBGBGB
Figure 31. 1.3 million pixel IBM CCD (8:2 reduction)
Figure 32. 1.3 million pixel IBM CCD (4:1 reduction)
RGB pattern
Optional
lowres_sen3
Optional
lowres_sen2
Optional
lowres_sen1
Optional
lowres_sen0
V1
V2
V3
V4
S1
S2
S3
S4
TDV (20h)
Figure 33. Vertical Timing Division for Low Resolution Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com