Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 9Page - Cirrus Logic CS7620 Datasheet HTML 10Page - Cirrus Logic CS7620 Datasheet HTML 11Page - Cirrus Logic CS7620 Datasheet HTML 12Page - Cirrus Logic CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
CS7620
DS301PP2
13
plus the bits representing the 2x gain and divide the
output by two (shift right by 1). The output of the
gain adjust block is then “0100011111.000.” Note
that the decimal point is virtual, having no exist-
ence in silicon. It is representing the fact that we
keep 3 extra bits of lower significance in the output.
In the same manner, if Vin = 0.75 V, a gain of 1X
would be chosen and the output of the gain adjust
block would be “1011001101000.” The transfer
function of the Vin/gain adjust out is shown in
Figure 11.
A block diagram of the gain adjust block is shown
in Figure 12.
Since the analog gain changes do not match the
digital shifts exactly, there is a potential to have
non-monotonic digital output. In order to remove
this problem, calibration is performed. During cal-
ibration, offset values are found that will be used to
counteract the errors caused by the analog gain
mismatch. Using these offset values, the final out-
put is a monotonic continuous 13-bit value.
3.3
13-to-10 Bit Compander
While a 13 bit output may be useful in some appli-
cations, others may require the standard 10 bit out-
put. To accommodate this and yet still retain the
advantages of the increased dynamic range, a 13-
to-10 (or 13-to-12) bit compander is included. By
DIG ADJUST OUT (13 BITS)
VIN (V)
1.07
0.53
0.27
0.13
8192
4096
1X
2X
4X
8X
ADC OUTPUT
00
01
10
11
1024
2048
0
Figure 11. Transfer function of Vin to Gain Adjust output Block (assuming full scale level of 1.07V)
GAIN ADJUST
SHIFT BY 0,1,2, OR 3
ADC OUTPUT
10
2
VGA_ADC OUTPUT
TO DIGITAL GAIN
13
Figure 12. Gain Adjust output Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com