Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
CS7620
44
DS301PP2
4.26
Timing Control - Extra Lines of Exposure in Low Resolution Mode (LSBs)
Default = 00h; Read/Write (address 24h)
4.27
Timing Control - Vsync Mode, Lines of Exposure in Low Resolution Mode (MSBs)
Default = 01h; Read/Write (address 25h)
Bit Number
765432
10
Bit Name
n_extra7
n_extra6
n_extra5
n_extra4
n_extra3
n_extra2
n_extra1
n_extra0
Default
0
0000000
Bit
Mnemonic
Function
7
n_extra7
Extra Lines: This allows for increased exposure time while in low resolution
mode.
In low resolution mode, the CS7620 continuously outputs data on a frame by
frame basis; so it can drive a LCD panel in a video mode. In this mode the
CS7620 ignores the expose signal. The default expose time is equivalent to
262 line times (see registers 25h and 26h, n_int).
N_extra provides a way to increase the exposure time beyond the one which
is set by register n_int (25h and 26h). The value of n_extra corresponds to the
number of line times.
6
n_extra6
5
n_extra5
4
n_extra4
3
n_extra3
2
n_extra2
1
n_extra1
0
n_extra0
Bit Number
765432
10
Bit Name
Reserved
vsync_md
lowres_sen3
lowres_sen2
lowres_sen1
lowres_sen0
n_int8
Default
--
000001
Bit Mnemonic
Function
7:6
-
Reserved
5
vsync_md
Vertical Sync: Vsync_md, will switch the RD_OUT pin to output a vertical sync signal on this
pin when the vsync_md register is set to 1. The default is 0 which outputs the RD_OUT signal
(see Figures 21 and 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com