Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 62Page - Cirrus Logic CS7620 Datasheet HTML 63Page - Cirrus Logic CS7620 Datasheet HTML 64Page - Cirrus Logic CS7620 Datasheet HTML 65Page - Cirrus Logic CS7620 Datasheet HTML 66Page - Cirrus Logic CS7620 Datasheet HTML 67Page - Cirrus Logic CS7620 Datasheet HTML 68Page - Cirrus Logic CS7620 Datasheet HTML 69Page - Cirrus Logic CS7620 Datasheet HTML 70Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
CS7620
66
DS301PP2
RST - Reset pin, negative true
Pin 38
May be connected to external power-on-reset-circuit. Supplied by VDDA2.
SCAN_MODE - Test
Pin 17
Supplied by VDD_RING.
SCLK - Serial bus clock signal
Pin 6
Supplied by VDD_RING.
SDATI - Serial bus data input signal
Pin 7
Supplied by VDD_RING.
SEN - Serial bus enable signal-chip select (active low)
Pin 9
Supplied by VDD_RING.
TEST - Test enable pin
Pin 16
Supplied by VDD_RING.
5.4
CMOS Analog Input
AIN - Video data input from CCD
Pin 23
Supplied by VDDA1.
BG_RES - Band-gap resistor
Pin 21
Supplied by VDDA1. A 10 k
Ω resistor should be connected between BG_RES
and GNDA1.
5.5
CMOS Analog Output
DAC_OUT[1:2] - General purpose Digital-to-Analog converter output
Pins 18 and 19
Supplied by VDDA1.
5.6
CMOS 4 mA Output
CLKO - Clock = output
Pin 52
Signal on this pin can either be the pixel clock output or data_valid signal out-
put. Supplied by VDD_RING.
DOUT[0:12] - Digitized CCD data output
Pins 53-64, and 1
DOUT0 is LSB. Supplied by VDD_RING.
SDATO - Serial bus data output signal
Pin 8
Supplied by VDD_RING.
HSYNC - Horiz sync (active low)
Pin 12
Supplied by VDD_RING.
RD_OUT - Readout signal (active low)
Pin 13
Supplied by VDD_RING.
RG - Reset gate clock pulse for CCD
Pin 37
Supplied by VDDA3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com