Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
CS7620
DS301PP2
49
4.31
Horizontal Timing Control - H2
Default = 7Ah; Read/Write (address 2Ah)
Bit Number
765432
10
Bit Name
Reserved
h2d
h2f_reg2
h2f_reg1
h2g_reg0
h2g_reg2
h2g_reg1
h2g_reg0
Default
-
1111010
Bit
Mnemonic
Function
7-
Reserved
6h2d
H2 Default Setting: During the vertical shift time, the horizontal clocks are
held in one state. This bit controls whether H2 is held high or low during this
time.
A “0” indicates that the signal state is low, a “1” indicates that the signal state
is high.
5
h2f_reg2
H2 Falling Edge: The phase of the falling edge of H2 can be programmed
through this register. The falling edge of H2 corresponds to the rising edge of
the internally selected clock. The phases of these clocks are shown in Figure
19, with the complemented clocks being the inverse of these.
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
4
h2f_reg1
3
h2g_reg0
2
h2g_reg2
H2 Rising Edge: The phase of the rising edge of H2 can be programmed
through this register. The rising edge of H2 corresponds to the rising edge of
the internally selected clock. The phases of these clocks are shown in Figure
19, with the complemented clocks being the inverse of these.
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
1
h2g_reg1
0
h2g_reg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com