Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
CS7620
DS301PP2
33
4.8
General Black Level
The black loop is a feedback system that causes the ADC output to settle to 64 during the register defined black
pixels. This has the purpose of removing any CCD and system offsets and defining 64 as the known black level.
The loop has an exponential settling response and the time constant of this loop is effected by the black loop gain
and the number of black pixels to accumulate before updating the black accumulator. See Figure 10 for a block
diagram of the black level.
4.9
Black Level Control - Loop Gain, Clamp Length
Default = 0Ah; Read/Write (address 0Fh).
Where:
K = 1/256*blk_gain
n = Black loop clamp length = blk_clp_l[5:0]
fu = update rate
Bit Number
765432
10
Bit Name
blk_gain1
blk_gain0
blk_clp_15
blk_clp_14
blk_clp_13
blk_clp_12
blk_clp_11
blk_clp_10
Default
0
0001010
Bit
Mnemonic
Function
7
blk_gain1
Black Loop Gain Factor: The Black loop gain factor can be set to 1x,2x,4x,or
8x and is simply a multiplying constant to effect the weight of each black pixel
before it is accumulated.
00 - defines a gain of 1x
01 - defines a gain of 2x
10 - defines a gain of 4x
11 - defines a gain of 8x
6
blk_gain0
5
blk_clp_15
Black Loop Clamp Length: The black clamp length effects the loop time con-
stant and also acts to average out noise in the black level. The larger this val-
ue the more pixels that are summed before the loop is updated which causes
greater averaging and a smaller settling time constant.
Table 11 shows the black loop time constant for various settings of Offset
Range (register 06h, bit 0) and Fixed Gain Settings (register 16h, bits 5-3).
4
blk_clp_14
3
blk_clp_13
2
blk_clp_12
1
blk_clp_11
0
blk_clp_10
Fixed Gain
(Register 16h)
Offset Range = 1
Offset Range = 0
not fixed
-1/(ln(1-nK))(1/fu)
-1/(ln(1-nK/2))(1/fu)
x1
-1/(ln(1-nK/8))(1/fu)
-1/(ln(1-nK/16))(1/fu)
x2
-1/(ln(1-nK/4))(1/fu)
-1/(ln(1-nK/8))(1/fu)
x4
-1/(ln(1-nK/2))(1/fu)
-1/(ln(1-nK/4))(1/fu)
x8
-1/(ln(1-nK))(1/fu)
-1/(ln(1-nK/2))(1/fu)
Table 11. Black Loop Time Constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com