Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
CS7620
DS301PP2
39
4.16
Timing Control - Number of Columns (LSBs)
Default = 93h; Read/Write (address 1Ah)
4.17
Timing Control - Number of Dark Rows
Default = A4h; Read/Write (address 1Bh)
Bit Number
765432
10
Bit Name
num_pixels7
num_pixels6
num_pixels5
num_pixels4
num_pixels3
num_pixels2
num_pixels1
num_pixels0
Default
1
0010011
Bit
Mnemonic
Function
7
num_pixels7
Column Numbers: Bits 7 through 0 of the number of columns.
The number of columns registers should be written with the total number of
pixels per line (columns) of the CCD including any black pixels and any extra
pixels. (due to CCD horizontal register latency)
The default value (num_pixels[12:0]) is 1683 which is the number of rows in a
IBM35CCD2PIX1 CCD. (See Figure 28)
6
num_pixels6
5
num_pixels5
4
num_pixels4
3
num_pixels3
2
num_pixels2
1
num_pixels1
0
num_pixels0
Bit Number
765432
10
Bit Name
drk_rws_frst3 drk_rws_frst2 drk_rws_frst1 drk_rws_frst0
drk_rws_lst3
drk_rws_lst2
drk_rws_lst1
drk_rws_lst0
Default
1
0100100
Bit
Mnemonic
Function
7
drk_rws_frst3
Dark Rows: The dark rows registers should be written with the number of
rows at the top and bottom of the CCD.
Please note that drk_rws_frst refers to the first rows to be read out. These are
the rows at the top of the image, which get inverted through the lens, and get
focused onto the bottom rows of the CCD.
The CS7620 uses these rows to acquire the proper black level.
The default value is 10 and the correct value to work with the
IBM35CCD2PIX1 CCD. (See Figure 28)
6
drk_rws_frst2
5
drk_rws_frst1
4
drk_rws_frst0
3
drk_rws_lst3
Dark Rows: The dark rows registers should be written with the number of
rows at the top and bottom of the CCD.
Note that drk_rws_lst refers to the last rows to be read out. This are the rows
at the bottom of the image, which get inverted through the lens, and get fo-
cused onto the top rows of the CCD.
The CS7620 uses these rows to acquire the proper black level.
The default value is 4 and is the correct value to work with the
IBM35CCD2PIX1 CCD. (See Figure 28)
2
drk_rws_lst2
1
drk_rws_lst1
0
drk_rws_lst0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com