Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 26Page - Cirrus Logic CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
CS7620
30
DS301PP2
3
bits_out1
Number of Data Bits Out: The range of the output data can be determined
by these bits. The data internal to the chip has a 13-bit range. The output can
be this full range, half this range (12 bits), or an eighth of this range (10 bits).
If 12-bit data is selected, the top half of the 13-bit range is saturated to the
maximum 12-bit code. If 10-bit data is selected, the compander curve which
is user programmable is employed to map the 13-bit data to the 10-bit output.
0 - 10 bits output
1 - 10 bits output
2 - 13 bits output
3 - 12 bits output
2
bits_out1
1
blk_dis
Black Level Loop Disabled: If the user chooses to adjust the black level him-
self through register access, he may disable the internal black level loop. This
loop usually updates the black level to what it calculates to be the correct level.
If disabled, the offset used will be determined from the value written in the
black level accumulator register.
0 - internal black level loop is enabled
1 - black level loop is disabled
0
off_range
Offset Range: The black level loop is used to cancel any offsets from the
CCD and chip circuitry. If the offsets are small, the user has the option to de-
crease the offset cancellation range for the added advantage of increasing the
resolution of the offset cancellation.
0 - smaller offset cancellation range used (~50 mV)
1 - larger offset cancellation range used (~100 mV)
Mode value
Mode
000
IBM35CCD2PIX1 and IBM35CCDPIX13 CCD high resolution mode
001
IBM35CCD2PIX1 CCD low resolution (viewfinder) mode
010
reserved
100
reserved
101
IBM35CCD13PIX CCD (2x2) low resolution (viewfinder) mode
110
IBM35CCD13PIX CCD (3x4) low resolution (viewfinder) mode
111
external timing used
Table 8. Different Resolution Operating Modes
Bit
Mnemonic
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com