Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic CS7620 Datasheet HTML 60Page - Cirrus Logic CS7620 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
CS7620
DS301PP2
57
4.43
Compander - Offset 3 (LSBs)
Default = 05h; Read/Write (address 36h)
4.44
Compander - Offset 4 (LSBs)
Default = 20h; Read/Write (address 37h)
Bit Number
765432
10
Bit Name
offset37
offset36
offset35
offset34
offset33
offset32
offset31
offset30
Default
0
0000101
Bit
Mnemonic
Function
7
offset37
Compander Offset 3: Offset of third segment (offset3[9:0]) of companding
curve. (See Figure 13)
6
offset36
5
offset35
4
offset34
3
offset33
2
offset32
1
offset31
0
offset30
Bit Number
765432
10
Bit Name
offset47
offset46
offset45
offset44
offset43
offset42
offset41
offset40
Default
0
0100000
Bit
Mnemonic
Function
7
offset47
Compander Offset 4: Offset of fourth segment (offset4[9:0]) of companding
curve. (See Figure 13)
6
offset46
5
offset45
4
offset44
3
offset43
2
offset42
1
offset41
0
offset40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com