Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic CS7620 Datasheet HTML 60Page - Cirrus Logic CS7620 Datasheet HTML 61Page - Cirrus Logic CS7620 Datasheet HTML 62Page - Cirrus Logic CS7620 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
CS7620
DS301PP2
59
4.47
Compander - X2 (MSBs)
Default = 05h; Read/Write (address 3Ah)
4.48
Compander - X2 (LSBs)
Default = 18h; Read/Write (address 3Bh)
Bit Number
765432
10
Bit Name
Reserved
x212
x211
x210
x29
x28
Default
---
00101
Bit
Mnemonic
Function
7:5
-
Reserved
4
x212
Compander X2: End value of second segment of companding curve (MSBs).
(See Figure 13)
3x211
2
x210
1x29
0x28
Bit Number
765432
10
Bit Name
x27
x26
x25
x24
x23
x22
x21
x20
Default
0
0011000
Bit
Mnemonic
Function
7x27
Compander X2: End value of second segment (x2[12:0]) of companding
curve (LSBs). (See Figure 13)
6x26
5x25
4x24
3x23
2x22
1x21
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com