Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic CS7620 Datasheet HTML 22Page - Cirrus Logic CS7620 Datasheet HTML 23Page - Cirrus Logic CS7620 Datasheet HTML 24Page - Cirrus Logic CS7620 Datasheet HTML 25Page - Cirrus Logic CS7620 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
CS7620
22
DS301PP2
2.0M pixel (default)
high resolution
2.0M pixel (2x2)
low resolution
2.0M pixel (3x4)
low resolution
tim_modes(06h)
000b
001b
001b
num_lines[12:8](17h)
05h
05h
05h
num_lines[7:0](18h)
1Ch
1Ch
1Ch
num_pixels[12:8](19h)
06h
06h
06h
num_pixels[7:0](1Ah)
93h
93h
93h
drk_rws (frst/lst)(1Bh)
A4h
20h
20h
blk_begin(1Ch)
04h
04h
04h
blk_end(1Dh)
3Fh
3Fh
3Fh
act_rws (frst/lst)(1Eh)
B6h
32h
32h
act_begin(1Fh)
4Bh
4Bh
4Bh
tdv(20h)
01h
01h
01h
shiftl_num[8](21h)
01h
01h
01h
shiftl_num[7:0](22h)
06h
06h
06h
lowres_sen[3:0](25h)
XXXXb
0000b
0100b 2x sens
0001b 2x sens
0101b 3x sens
0000b
0010b 2x sens
Table 5. IBM35CCD2PIX1
1.3M pixel
high resolution
1.3M pixel (2x2)
low resolution
1.3M pixel (3x4)
low resolution
tim_modes(06h)
000b
101b
110b
num_lines[12:8](17h)
04h
04h
04h
num_lines[7:0](18h)
1Ch
1Ch
1Ch
num_pixels[12:8](19h)
05h
05h
05h
num_pixels[7:0](1Ah)
50h
50h
50h
drk_rws (frst/lst)(1Bh)
A4h
20h
20h
blk_begin(1Ch)
04h
04h
04h
blk_end(1Dh)
3Fh
3Fh
3Fh
act_rws (frst/lst)(1Eh)
B6h
42h
42h
act_begin(1Fh)
4Bh
4Bh
4Bh
tdv(20h)
01h
01h
01h
shiftl_num[8](21h)
01h
01h
01h
shiftl_num[7:0](22h)
06h
06h
06h
lowres_sen[3:0](25h)
XXXXb
0000b
0100b 2x sens
0000b
0010b 2x sens
Table 6. IBM35CCD13PIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com