Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
CS7620
DS301PP2
35
4.12
Gain Calibration - Offset 3
Default = 00h; Read/Write (address 11h)
Gain Calibration - Fix Gains
Default = 00h; Read/Write (address 16h)
Bit Number
765432
10
Bit Name
gain_offset
37
gain_offset
36
gain_offset
35
gain_offset
34
gain_offset
33
gain_offset
32
gain_offset
31
gain_offset
30
Default
0
0000000
Bit
Mnemonic
Function
7
gain_offset37
Gain Calibration Offset 3: Offset added to 1x gain segment. Values are in
2’s complement.
These registers are used to report some of the calibration settings. After cal-
ibration is performed the gain offset registers are automatically updated with
values needed for the DRX circuitry to operate correctly. These registers
should not be written to since this will remove the proper settings found during
calibration. The gain offset values are used to add an offset to the output of
the ADC when using different analog gain settings (See equations below).
The purpose of this is to produce a continuous transition between the different
gain settings so that the final 13 bit output is monotonic and has no undesired
artifacts. (See Figure 26)
{ADC_outif in the 8x gain segment}
dout[12:0] ={ADC_out*2+Offset1if in the 4x gain segment}
{ADC_out*4+Offset2*2if in the 2x gain segment}
{ADC_out*8+Offset3*4if in the 1x gain segment}
6
gain_offset36
5
gain_offset35
4
gain_offset34
3
gain_offset33
2
gain_offset32
1
gain_offset31
0
gain_offset30
Bit Number
7
6
543
2
1
0
Bit Name
Reserved
fixed_gain2
fixed_gain1
fixed_gain0
Reserved
Default
--
000
---
Bit
Mnemonic
Function
7:6
-
Reserved
5
fixed_gain2
Fixed Gain: This is used to turn off the DRX functionality and apply a fixed
gain to the input before reaching the ADC. A setting of 000 is used for normal
operation this will yield the largest dynamic range by switching the front end
gain relative to the amplitude of the input signal. The settings 001, 010, 011,
and 100 are for fixed gains of 1x, 2x, 4x, and 8x respectively. Figure 27 shows
the transfer function of the output of the ADC for a given input with the various
fixed gain settings.
4
fixed_gain1
3
fixed_gain0
2:0
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com