Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 61Page - Cirrus Logic CS7620 Datasheet HTML 62Page - Cirrus Logic CS7620 Datasheet HTML 63Page - Cirrus Logic CS7620 Datasheet HTML 64Page - Cirrus Logic CS7620 Datasheet HTML 65Page - Cirrus Logic CS7620 Datasheet HTML 66Page - Cirrus Logic CS7620 Datasheet HTML 67Page - Cirrus Logic CS7620 Datasheet HTML 68Page - Cirrus Logic CS7620 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
CS7620
DS301PP2
65
5.1
Supply
VDDA[1:2] - Supply for analog
Pins 25 and 40
5 V analog supply.
VDDA3 - Supply for horizontal outputs
Pin 32
3.3 V or 5 V analog supply.
VDDD - Supply for digital
Pin 5
5 V digital supply.
VDD_RING - supply for pad ring (digital pads)
Pin 11
3.3 V or 5 V digital supply
5.2
Ground
GNDA[1:2] - Ground for analog
Pins 24 and 41
GNDA1 and GNDA2 are supplied by VDDA1 and VDDA2 respectively.
GNDA3 - Ground for horizontal outputs
Pin 31
Supplied by VDDA3.
GNDD - Ground for digital
Pin 4
Supplied by VDDD.
GND_RING - Ground for pad ring (digital pads)
Pin 10
Supplied by VDD_RING.
5.3
CMOS Input
BYPASS_PLL - Powers down PLL if not in use
Pin 39
Supplied by VDDA2.
CLAMP - Black level clamp signal
Pin 2
Only used if an external timing generator is used. Supplied by VDD_RING.
CLOCK_IN - Chip input clock
Pin 43
Supplied by VDDA2.
EXPOSE - Begin expose sequence
Pin 14
Expose signal from the shutter. Supplied by VDD_RING.
LINE_ENA - Line enable signal
Pin 3
Supplied by VDD_RING.
PWR_DN - Places chip in full power down
Pin 15
Supplied by VDD_RING.
REF_CAPN - Reference capacitor- negative terminal
Pin 27
Supplied by VDDA1. A 1 µF ceramic capacitor should be connected between
REF_CAPN and REF_CAPP.
REF_CAPP - Reference capacitor- positive terminal
Pin 28
Supplied by VDDA1. A 1 µF ceramic capacitor should be connected between
REF_CAPN and REF_CAPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com