Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
CS7620
DS301PP2
31
4.5
Operation Control 2
Default = 04h; Read/Write (address 07h).
Bit Number
7
654
3
2
1
0
Bit Name
pol_hsyncb
pol_rd_outb
dac2_mode
dac1_mode
fs_lvl1
fs_lvl0
gain_cal1
gain_cal2
Default
0
0
0
0
0
1
0
0
Bit
Mnemonic
Function
7
pol_hsyncb
Hsync Polarity: The HSYNC signal output from the chip defaults to be high
when data is being shifted out of the CCD and low during all other times (the
vertical shift time of each line and idle times). This polarity may be swapped
with this bit so that HSYNC is low when data is being shifted out and high all
other times.
0 - HSYNC is high during horizontal data read out
1 - HSYNC is low during horizontal data read out
6
pol_rd_outb
Rd_Out Polarity: The RD_OUT signal output from the chip defaults to be low
when the CCD data readout is being performed and high when not reading out
data from the CCD. The polarity of this signal may be swapped with this bit so
that RD_OUT is high during readout and low when not reading data out. Note
that when this bit is redefined in order to function as a vertical sync signal, this
bit will serve to swap its polarity as well.
5
dac2_mode
Dac #2 Current Mode: There are two modes for the output current of DAC2.
Default mode provides a current range of 2.2 mA for the 8-bit input word. This
will increment the current by ~8.6 µA per LSB code change. The high current
mode can be selected using this bit to change the current range to 8.7 mA for
the 8-bit input word. This will increment the current by ~34 µA per LSB code
change.
4
dac1_mode
Dac #1 Current Mode: There are two modes for the output current of DAC1.
Default mode provides a current range of 2.2 mA for the 8-bit input word. This
will increment the current by ~8.6 µA per LSB code change. The high current
mode can be selected using this bit to change the current range to 8.7 mA for
the 8-bit input word. This will increment the current by ~34 µA per LSB code
change.
3
fs_lvl1
Full Scale Level: This is used to set the full scale input range of the CS7620.
Since CCDs have various saturation levels, it is advantageous to set the full
scale input range of the CS7620 to match the saturation level of the CCD
used. Table 9 shows the full scale level choices
2
fs_lvl0
1
gain_cal1
Gain Calibration #1: A calibration of the gain stages is required to insure a
monotonic digital output. In default (‘0’), this calibration is automatically done
after a chip reset and after coming up from power down mode. If the recalibra-
tion after power down is not desired, this bit can be written with a ‘1’ to force
a calibration only after a chip reset.
0
gain_cal2
Gain Calibration #2: A calibration of the gain stages is required to insure a
monotonic digital output. This calibration is transparent to the user. However,
if the user wishes to force a calibration to occur, he may do so by setting this
bit to ‘1’, which will invoke a gain calibration sequence immediately. This bit
automatically clears itself after a calibration has been initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com