Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
CS7620
DS301PP2
53
4.35
Compander - Black Slope, Slopes (MSBs)
Default = 00h; Read/Write (address 2Eh)
4.36
Compander - Slope 1 (LSBs)
Default = A8h; Read/Write (address 2Fh)
Bit Number
765432
10
Bit Name
Reserved
comp_linear
slope18
slope28
slope38
slope48
Default
---
00000
Bit
Mnemonic
Function
7:5
-
Reserved
4
comp_linear
Compander Black Level Slope: 0 - The values of “0” to “64” in a 13 bit rep-
resentation are set to “offset1” in a 10 bit representation. Offset1 can be set
in register 33h.
1 - In this case the black level is mapped linearly from 13 bit values to 10 bit
values. “64” is mapped into “8”. All the other values between “0” and “64” are
divided by 8 in order to get the 10 bit representation. (See Figure 13)
3
slope18
Compander Slope 1: MSB of slope of first segment of companding curve.
(See Figure 13)
2
slope28
Compander Slope 2: MSB of slope of second segment of companding curve.
(See Figure 13)
1
slope38
Compander Slope 3: MSB of slope of third segment of companding curve.
(See Figure 13)
0
slope48
Compander Slope 4: MSB of slope of fourth segment of companding curve.
(See Figure 13)
Bit Number
765432
10
Bit Name
slope17
slope16
slope15
slope14
slope13
slope12
slope11
slope10
Default
1
0101000
Bit
Mnemonic
Function
7
slope17
Compander Slope1: Slope of first segment (slope1[8:0]) of companding curve.
Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
6
slope16
5
slope15
4
slope14
3
slope13
2
slope12
1slope11
0
slope10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com