Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 24Page - Cirrus Logic CS7620 Datasheet HTML 25Page - Cirrus Logic CS7620 Datasheet HTML 26Page - Cirrus Logic CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
CS7620
28
DS301PP2
4.1
Reset
Default = 00; Write (address 00h)
4.2
Power Down Control 1
Default = 00h; Read/Write (address 01h)
Bit Number
765432
10
Bit Name
Reserved
sft_rst
Default
----
---
00
Bit
Mnemonic
Function
7:1
-
Reserved
0sft_rst
Software Reset: When this bit is written with a ‘1’, all of the digital circuitry
and the registers will reset to their default values. It automatically clears after
4 pixel clock periods. The clocks remain running during the reset period.
Bit Number
765432
10
Bit Name
pd_vga
pd_adc
pd_ref
Reserved
pd_dac1
pd_dac2
Reserved
Default
000
-
-
0
0
-
Bit
Mnemonic
Function
7
pd_vga
DRX Front End Power Down: When written with a ‘1’, the DRX front end
circuitry powers down. Used for test purposes only.
6
pd_adc
ADC Power Down: When written with a ‘1’, the Analog-to-Digital converter
circuitry powers down. Used for test purposes only.
5pd_ref
Voltage Reference Power Down: When written with a ‘1’, the voltage refer-
ence generator powers down. Used for test purposes only.
4:3
-
Reserved
2
pd_dac1
DAC #1 Power Down: When written with a ‘1’, DAC #1 powers down. Should
be powered down when DAC#1 is not being used by the system.
1
pd_dac2
DAC #2 Power Down: When written with a ‘1’, DAC #2 powers down. Should
be powered down when DAC#2 is not being used by the system.
0-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com