Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
CS7620
42
DS301PP2
4.21
Timing Control - Start of Active Pixels
Default = 4Bh; Read/Write (address 1Fh)
4.22
Timing Control - Vertical Time Division
Default = 01h; Read/Write (address 20h)
Bit Number
765432
10
Bit Name
act_begin7
act_begin6
act_begin5
act_begin4
act_begin3
act_begin2
act_begin1
act_begin0
Default
0
1001011
Bit
Mnemonic
Function
7
act_begin7
Active Pixels: This register should be programmed with the pixel number of
the first active pixel to be read out. That is the first pixel after the extra pixels,
the black pixels, and the grey pixel.
This register value is used by the CS7620 when the part is in the valid data
mode to generate the data valid signal on the CLKO pin.
Valid data can be set through the above mentioned registers together with
act_begin(1Fh) to define a subset of pixels to be passed to the subsequent
ASIC or DSP component. This subset may or may not include dark rows
and/or dark pixels. Please refer to Figure 28.
The default value is set to 75, which is the sum of the blk_end register (1Dh)
and act_rws_lst register (1Eh).
6
act_begin6
5
act_begin5
4
act_begin4
3
act_begin3
2
act_begin2
1
act_begin1
0
act_begin0
Bit Number
765432
10
Bit Name
Reserved
tdv4
tdv3
tdv2
tdv1
tdv0
Default
---
00001
Bit
Mnemonic
Function
7:5
-
Reserved
4tdv4
Critical Timing: This determines the width of the minimum vertical division
measured in pixel clocks. (One vertical pixel shift (row) requires 8 vertical time
division slots) See Figure 33.
3tdv3
2tdv2
1tdv1
0tdv0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com