Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 25Page - Cirrus Logic CS7620 Datasheet HTML 26Page - Cirrus Logic CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic CS7620 Datasheet HTML 31Page - Cirrus Logic CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
CS7620
DS301PP2
29
4.3
Power Down Control 2
Default = 00; Read/Write (address 02h)
4.4
Operation Control 1
Default = 09h; Read/Write (address 06h).
Bit Number
765432
10
Bit Name
Reserved
pd_htim
Reserved
Default
----
--
0
-
Bit
Mnemonic
Function
7:2
-
Reserved
1
pd_htim
Horizontal Timing Power Down: When written with a ‘1’, the horizontal tim-
ing generator powers down. Should be powered down when horizontal timing
is not being used by the system. In this mode the chip is a “timing slave.”
0-
Reserved
Bit Number
7
6
5
4
3210
Bit Name
low_res
tim_modes2
tim_modes1
tim_modes0
bits_out1
bits_out1
blk_dis
off_range
Default
00
0
0
1001
Bit
Mnemonic
Function
7
low_res
Low Resolution Mode: This mode can be used to cut the current consump-
tion of the chip by 20 mA. The output of the ADC will have 6 bits of resolution
in this mode, and the output of the chip will have 9 bits after using the DRX
circuitry. It is intended to be used when driving an LCD display or any other
time when a lower resolution picture is acceptable.
6
tim_modes2
Timing Generator Select: The type of timing signals output by the chip can
be selected using these control bits. IBM35CCDPIX13 2x2 and
IBM35CCDPIX13 3x4 modes, support type IBM CCDs with different color filter
patterns. Note that register 1Bh needs to be rewritten with correct low resolu-
tion values for black rows if low resolution mode is used (see Table 3).
The chip’s default power up setting is hardcoded to be IBM35CCD2PIX1. So
that the registers that hold the number of lines, the number of pixels per line,
the number of black lines, and the number of active lines are all set up to their
proper values. If IBM35CCDPIX13 is to be used, the values on all those reg-
isters has to be changed appropriately (see Tables 5 and 6).
5
tim_modes1
4
tim_modes0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com