Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic CS7620 Datasheet HTML 22Page - Cirrus Logic CS7620 Datasheet HTML 23Page - Cirrus Logic CS7620 Datasheet HTML 24Page - Cirrus Logic CS7620 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
CS7620
DS301PP2
21
do not have to be reprogrammed at the next power
up.
3.8
Preview Mode
It is strongly recommend that the chip should be
kept in Stand By mode when not in use in order to
save power. When in preview mode, a user may
wish to cut down the resolution of the ADC output
to 6 bits in order to reduce the power consumption
of the CS7620. In this mode, the current is reduced
by 20 mA. With the DRX (Dynamic Range eXten-
sion) circuitry, 3 bits of dynamic range are added to
the 6-bit ADC output producing a 9-bit output. The
pins DOUT[12:4] are used to output the digitized
data in preview or Stand By mode.
3.9
Serial Interface
The serial interface is designed to allow high speed
input to control the chip’s registers. The specifica-
tions on this interface are as follows:
Asserting the enable pin, SEN, enables the serial
interface to perform data transfers. Data present on
the SDATI pin is latched into the CS7620 on each
rising edge of the serial clock, SCLK. Data output
on SDATO from the CS7620 is clocked out on the
rising edge of SCLK.
The CS7620 receives only the first 16 rising edges
of the SCLK while SEN is low and then ignores
any remaining SCLK and SDATI information. If
SEN goes high before 16 SCLK pulses have been
received, the CS7620 aborts the serial transfer.
The first bit is the R/W bit. R/W = 1 identifies the
transfer as a read. If (0), the transfer is a write. The
next seven bits define the address. For write trans-
fers, the second byte of the 16-bit packet contains
the data byte. For read transfers, the CS7620 out-
puts the read data on SDATO after accepting the
address. Address and data are transferred MSB
first. When not reading out data, the SDATO pin is
not driven by the chip (Hi-Z state).
The timing diagrams and specifications are shown
in “Serial Interface Timing Specifications” on
page 7 and Figures “SEN Timing”, “Read Data
Timing”, and “Serial Write Timing” on page 7.
3.10
Recommended Register Settings
These are the values that need to be written to the
registers to change the configuration of the CS7620
to work with each CCD in either low resolution or
high resolution mode. (2 × 2) refers to a RGRGRG
pattern and (3 × 4) refers to a RGBRGB pattern
CCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com