Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic CS7620 Datasheet HTML 60Page - Cirrus Logic CS7620 Datasheet HTML 61Page - Cirrus Logic CS7620 Datasheet HTML 62Page - Cirrus Logic CS7620 Datasheet HTML 63Page - Cirrus Logic CS7620 Datasheet HTML 64Page - Cirrus Logic CS7620 Datasheet HTML 65Page - Cirrus Logic CS7620 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
CS7620
62
DS301PP2
4.53
DAC #1 Control
Default = 00h; Read/Write (address 40h)
4.54
DAC #2 Control
Default = 00h; Read/Write (address 41h)
4
clk_divide4
Clock Divider: The master clock frequency can be an integer multiple of the
pixel clock rate. This register contains the number by which to divide the mas-
ter clock frequency in order to get the pixel clock frequency. If a ‘0’ is pro-
grammed here, the divider is bypassed and the master clock is assumed to be
at the pixel rate.
3
clk_divide3
2
clk_divide2
1
clk_divide1
0
clk_divide0
Bit Number
765432
10
Bit Name
dac_cntl17
dac_cntl16
dac_cntl15
dac_cntl14
dac_cntl13
dac_cntl12
dac_cntl11
dac_cntl10
Default
0
0000000
Bit
Mnemonic
Function
7
dac_cntl17
DAC#1 Control: This is the digital input code to the general purpose DAC#1
which will then be converted into the analog current output. Each LSB in this
word will increment the output by ~8.7 µA in low current mode and ~34 µA in
high current mode.
6
dac_cntl16
5
dac_cntl15
4
dac_cntl14
3
dac_cntl13
2
dac_cntl12
1
dac_cntl11
0
dac_cntl10
Bit Number
765432
10
Bit Name
dac_cntl27
dac_cntl26
dac_cntl25
dac_cntl24
dac_cntl23
dac_cntl22
dac_cntl21
dac_cntl20
Default
000000
00
Bit
Mnemonic
Function
7
dac_cntl27
DAC #2 Control: This is the digital input code to the general purpose DAC#2
which will then be converted into the analog current output. Each LSB in this
word will increment the output by ~8.7 µA in low current mode and ~34 µA in
high current mode.
6
dac_cntl26
5
dac_cntl25
4
dac_cntl24
3
dac_cntl23
2
dac_cntl22
1
dac_cntl21
0
dac_cntl20
Bit
Mnemonic
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com