Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 8Page - Cirrus Logic CS7620 Datasheet HTML 9Page - Cirrus Logic CS7620 Datasheet HTML 10Page - Cirrus Logic CS7620 Datasheet HTML 11Page - Cirrus Logic CS7620 Datasheet HTML 12Page - Cirrus Logic CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
CS7620
12
DS301PP2
The open-loop transfer function of the black level
adjustment loop is
blk_gain = 1, 2, 4, or 8
where blk_gain is programmable through a register
and n = # of black pixels during clamp time, which
is also programmable. The value of Kxn will deter-
mine the open-loop gain of the system. The settling
time for the loop can be calculated using the fol-
lowing formula:
For offset range=1 (reg 06h, bit 0)
For offset range =0
During fixed gain mode the time constant is a little
different.
In order to achieve no ringing in the settling use,
for offset range = 1, and
for offset
range = 0.
The 9 MSBs of the black level accumulator can be
read or written through a register. If written, the
LSBs are set to zero. The black level is set to “8” in
a 10-bit digital output representation. In a 13-bit
representation, it is set to “64.” The power-up de-
fault value in the accumulator is at mid level.
Also note that the black level adjust loop can be
disabled. In addition, the black level can be pro-
grammed through the serial port.
3.2
Gain Adjust Block
In order to increase the dynamic range of the ADC,
a variable gain, whose value is determined by the
signal level, is applied to each pixel. This allows
for 13 bits of dynamic range and 10 bits of resolu-
tion after accounting for the significance of the
ADC output bits. The gain applied in the analog is
illustrated in the transfer curve in Figure 7. Once
the signal is digitized, the gain adjust block uses the
gain information for a given pixel word and shifts
its bits accordingly. For example, using the default
full scale level of 1.07V, if Vin = 0.3 V, the VGA
would choose a gain of 2X so the ADC input is 0.6
V. The 10-bit output of the ADC (with no black
level) is (0.6/1.07) × 1024 = 574, or “1000111110.”
in binary. The gain adjust block will take this value
For a fixed gain of 1:
For a fixed gain of 2:
Hz
()
Kn
×
z1
–
-------------
=
K
1
256
---------blk_gain
=
τ
1
1nK
–
()
ln
---------------------------
–

 1
fu
-----


=
τ
1
1
nK
2
-------
–


ln
----------------------------
–





1
fu
-----


=
τ
1
1
nK
8
-------
–


ln
----------------------------
–





1
fu
-----


=
τ
1
1
nK
4
-------
–


ln
----------------------------
–





1
fu
-----


=
For a fixed gain of 4:
For a fixed gain of 8:
τ
1
1
nK
2
-------
–


ln
----------------------------
–





1
fu
-----


=
τ
1
1nK
–
()
ln
---------------------------
–

 1
fu
-----


=
n
K
----
1
≤
n
2K
-------
1
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com