Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic CS7620 Datasheet HTML 60Page - Cirrus Logic CS7620 Datasheet HTML 61Page - Cirrus Logic CS7620 Datasheet HTML 62Page - Cirrus Logic CS7620 Datasheet HTML 63Page - Cirrus Logic CS7620 Datasheet HTML 64Page - Cirrus Logic CS7620 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
CS7620
DS301PP2
61
4.51
Power_up Counter
Default = 7Dh; Read/Write (address 3Dh)
4.52
Valid_data/Dout Edge/Clock_in Divider
Default = 01h; Read/Write (address 3Fh)
Bit Number
765432
10
Bit Name
cnt_reg7
cnt_reg6
cnt_reg5
cnt_reg4
cnt_reg3
cnt_reg2
cnt_reg1
cnt_reg0
Default
0
1111101
Bit
Mnemonic
Function
7
cnt_reg7
Power Up Counter Register: When coming out of power down, there is a pe-
riod of time required for voltages and currents to settle to the proper values,
for the PLL to lock, and for the gain calibration to be performed. This should
all be accomplished within 500 µs. The pixel clocks required to meet this 500
µs time should be programmed into this register. Note that if the master clock
is being divided on chip, the divider’s output clock is the pixel clock.
6
cnt_reg6
5
cnt_reg5
4
cnt_reg4
3
cnt_reg3
2
cnt_reg2
1
cnt_reg1
0
cnt_reg0
Bit Number
765432
10
Bit Name
Reserved
valid_data
dout_edge
clk_divide4 clk_divide3 clk_divide2 clk_divide1 clk_divide0
Default
-
0000001
Bit
Mnemonic
Function
7-
Reserved
6
valid_data
Valide Data Mode: This mode will redefine the CLKO pin as a data valid pin.
The data_valid signal will only toggle over active pixels and is phase-aligned
with the master clock. The user may then latch the data during this valid time
using the master clock or a clock derived from it. Note that this mode may only
be used if the master clock frequency is an integer multiple greater than 1 of
the pixel rate (see Figures 14 and 15).
If this mode is not selected, the output clock is output on the CLKO pin.
0 - digital clock output on CLKO pin
1 - valid_data signal on CLKO pin
5
dout_edge
Dout Edge Selelction: If valid_data = 0, the edge of the clock that clocks out
the data is selected by this bit. The data may be output either on the rising or
the falling edge of the output clock, CLKO. HSYNC and RD_OUT are also out-
put on same edge.
Note that If valid_data = “1”, this register is invalid.
* HSYNC and RD_OUT also output on the same edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com