Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
CS7620
DS301PP2
17
3.4.3
Slave mode
To select this mode, the user must set the
BYPASS_PLL pin high and select external timing
mode in the timing register. The CS7620 timing is
now slaved off of an external source and supplied
with sampling clocks for feedthrough and data. In
this mode, the user must control five signals-
PWR_DN,
EXPOSE,
CLAMP,
CK_FT
(CLOCK_IN), and CK_DT (LINE_ENA). The
master PWR_DN signal may be used to conserve
power during non-readout time. The EXPOSE pin
is redefined as the non-readout signal. Using the
falling edge of this signal, the chip will delay its
RD_OUT pin output by the appropriate amount as
determined by the chip latency so that it will go ac-
tive at the correct point in the data stream. CLAMP
should be high when over the dark reference pixels.
The CLOCK_IN and LINE_ENA pins are rede-
fined as the CK_FT and CK_DT signals, which
sample the feedthrough and data levels, respective-
ly. The suggested timing for PWR_DN, EXPOSE,
and CLAMP is the same as shown previously in
Figures 16 and 17. The timing for CK_FT
(CLOCK-IN) and CK_DT (LINE-ENA) is shown
in Figure 18.
3.4.4
Horizontal Timing Generator
During every horizontal line period the data from
the horizontal shift register is shifted out on the
CCD output pin one pixel at a time. The analog tim-
ing generator creates the required driving signals to
control the CCD horizontal timing as well as the
analog sampling signals. The timing signals in-
volved in this operation are H1, H2, H3, H4 and
RG. The exact timing of these signals can be con-
TLINE
CLAMP
LINE_ENA SIGNAL
SIGNAL
EXTENDED
PIXELS
DARK
PIXELS
ACTIVE
V SHIFT
& LOAD
TLINE+1
Figure 17. Signal Timing for Horizontal Only Mode
PIXELS
ACTIVE
PIXELS
V SHIFT
& LOAD
CCD
INPUT
SIGNAL
CK_DT
CK_FT
Figure 18. Signal Timing for Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com