Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic CS7620 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
CS7620
DS301PP2
55
4.39
Compander - Slope 4 (LSBs)
Default = 07h; Read/Write (address 32h)
4.40
Compander - Offset 1
Default = 08h; Read/Write (address 33h)
Bit Number
765432
10
Bit Name
slope47
slope46
slope45
slope44
slope43
slope42
slope41
slope40
Default
0
0000111
Bit
Mnemonic
Function
7
slope47
Compander Slope 4: Slope of fourth segment (slope4[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
6
slope46
5
slope45
4
slope44
3
slope43
2
slope42
1
slope41
0
slope40
Bit Number
765432
10
Bit Name
offset17
offset16
offset15
offset14
offset13
offset12
offset11
offset10
Default
0
0001000
Bit
Mnemonic
Function
7
offset17
Compander Offset 1:Black level value of companding curve if not in linear
mapping mode (comp_linear = 0). (See Figure 13)
6
offset16
5
offset15
4
offset14
3
offset13
2
offset12
1
offset11
0
offset10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com