Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 2Page - Cirrus Logic CS7620 Datasheet HTML 3Page - Cirrus Logic CS7620 Datasheet HTML 4Page - Cirrus Logic CS7620 Datasheet HTML 5Page - Cirrus Logic CS7620 Datasheet HTML 6Page - Cirrus Logic CS7620 Datasheet HTML 7Page - Cirrus Logic CS7620 Datasheet HTML 8Page - Cirrus Logic CS7620 Datasheet HTML 9Page - Cirrus Logic CS7620 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
CS7620
6
DS301PP2
ABSOLUTE MAXIMUM RATINGS
WARNING: WARNING:Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
ADC (ANALOG-TO-DIGITAL CONVERTER)
CDS/VGA PARAMETERS
FREQUENCY SYNTHESIZER PARAMETERS
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VAA1, VAA2,
VAA3,
VDD_Ring,
VDDD
-0.3
7.0
V
Digital Input Voltage
GNDD-0.3
VDDD+0.3
V
Analog Input Voltage
AIN
GNDA-0.3
VAAI+0.3
V
Input Current
(except supply pins)
10
mA
Ambient Temperature Range
70
+70
°C
Lead Solder Temperature (10sec duration)
+260
°C
Storage Temperature Range
-65
+150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range
(w/ fs_lvl = 10)
(w/ fs_lvl = 01)
(w/ fs_lvl = 00)
-1.60
1.07
.53
-V0-p
ADC resolution
-
10
-
bits
Conversion Rate
Maximum
16
-
-
MHz
Total Differential Non-Linearity
-
±1
-
LSB
Total Integral Non-Linearity
-
±1
-
LSB
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range
(w/ fs_lvl = 10)
(w/ fs_lvl = 01)
(w/ fs_lvl = 00)
-1.60
1.07
.53
-V0-p
Total Gain Range
AVGA
-
18
-
dB
Input Referred Noise (rms)
Maximum Gain Setting
VnVGA
--
0.2
mV
Parameter
Symbol
Min
Typ
Max
Unit
CLKIN Frequency
Fclock_in
8
-
160
MHz
PLL Output Frequency
FPLL_OUT
8
-
16
MHz
CLKIN Duty Cycle
Dclock_in
20
-
80
%
Output Jitter
-
200
-
ps
Duty Cycle
-
50
-
%
PLL Acquisition Time
-
200
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com