Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
CS7620
40
DS301PP2
4.18
Timing Control - Start of Black Pixels
Default = 04h; Read/Write (address 1Ch)
4.19
Timing Control - End of Black Pixels
Default = 3Fh; Read/Write (address 1Dh)
Bit Number
765432
10
Bit Name
Reserved
blk_begin3
blk_begin2
blk_begin1
blk_begin0
Default
----
0100
Bit
Mnemonic
Function
7:4
-
Reserved
3
blk_begin3
Black Pixels: This register indicates the beginning of the black pixels within
a horizontal line.
Before the black pixels, there can be some extra pixels, due to latency through
the horizontal shift register inside the CCD. The default value for this register
is 4, since IBM35CCD2PIX1 has 3 extra pixels. (See Figure 28)
2
blk_begin2
1
blk_begin1
0
blk_begin0
Bit Number
765432
10
Bit Name
Reserved
blk_end6
blk_end5
blk_end4
blk_end3
blk_end2
blk_end1
blk_end0
Default
-
0111111
Bit
Mnemonic
Function
7-
Reserved
6
blk_end6
Black Pixels: This register indicates the end of the black pixels within the hor-
izontal line.
This register is used by the black level loop together with blk_begin, to acquire
the proper black level on a line by line basis. Since the loop has some latency,
the value stored in this register, should be 10 less than the actual last black
pixel in each line. Since in IBM35CCD2PIX1, this number is 73, the default is
set to 63. (See Figure 28)
5
blk_end5
4
blk_end4
3
blk_end3
2
blk_end2
1
blk_end1
0
blk_end0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com