Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7620 Datasheet HTML 1Page - Cirrus Logic CS7620 Datasheet HTML 2Page - Cirrus Logic CS7620 Datasheet HTML 3Page - Cirrus Logic CS7620 Datasheet HTML 4Page - Cirrus Logic CS7620 Datasheet HTML 5Page - Cirrus Logic CS7620 Datasheet HTML 6Page - Cirrus Logic CS7620 Datasheet HTML 7Page - Cirrus Logic CS7620 Datasheet HTML 8Page - Cirrus Logic CS7620 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
CS7620
DS301PP2
5
1
CHARACTERISTICS/SPECIFICATIONS
DIGITAL CHARACTERISTICS (T
A = 25 °C; VDD_Ring = 5 V)
POWER CONSUMPTION (T
A = 25 ° C; VAA = VDD = 5 V; Output Load = 30 pF)
RECOMMENDED OPERATING CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Logic Inputs
High-Level Input Voltage
VIH
VDD_Ring-0.8
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
IIN
--
10
µA
Logic Outputs
High-Level Output Source Current @ IOH = 4mA
VOH
VDD-0.4
-
V
Low-Level Output Sink Current @ IOL = 4mA
VOL
--
0.4
V
(H1-H4) Output Source Current @ IOH = 24mA
VOH_HCLK
VDD-0.4
V
(H1-H4) Output Sink Current @ IOL = 24 mA
VOL_HCLK
0.4
V
3-State Leakage Current
IOZ
--
10
µA
Parameter
Symbol
Min
Typ
Max
Units
Power Dissipation
Peak Mode
Preview Mode
Stand By Down
PD
PDLR
PDPD
-
-
-
375
275
0.125
-
-
-
mW
mW
mW
Analog Power Supply Current
Peak Mode
Preview Mode
Stand By Down
IAN
IALR
IAPD
-
-
-
60
40
0.025
-
-
-
mA
mA
mA
Digital Power Supply Current
Peak/Preview Mode
Stand By Mode
IDN
IDPD
-
-
15
0
-
-
mA
mA
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VAA1, VAA2,
VDDD
4.5
5.0
5.5
V
Power Supply Voltage for Digital Pads
VDD_Ring
3.0
3.3/5.0
5.5
V
Power Supply Voltage for Horizontal CCD Signal Outputs
VAA3
3.0
3.3/5.0
5.5
V
GNDA to GNDD Voltage Differential
10
mV
Clock Frequency Range
8
160
MHz
Analog Full Scale Input Voltage Range
(w/ fs_lvl = 10)
(w/ fs_lvl = 01)
(w/ fs_lvl = 00)
AIN
-1.60
1.07
0.53
-Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com