Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
CS7620
DS301PP2
37
1024
1X
2X
4X
8X
ADC OUTPUT
1024
Figure 27. Transfer Function of ADC with Fixed Gain Settings (assuming full scale level of 1.07V)
INPUT
0.13
0.27
0.53
1.07
ADC OUTPUT
1X
INPUT (V)
1.07
1024
ADC OUTPUT
2X
INPUT (V)
1.07
0.53
1024
ADC OUTPUT
4X
INPUT (V)
1.07
1024
ADC OUTPUT
8X
INPUT (V)
1.07
0.53
0.27
0.53
0.13
0.27
FIXED GAIN = 001
FIXED GAIN = 000
FIXED GAIN = 011
FIXED GAIN = 100
FIXED GAIN = 010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com