Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 7Page - Cirrus Logic CS7620 Datasheet HTML 8Page - Cirrus Logic CS7620 Datasheet HTML 9Page - Cirrus Logic CS7620 Datasheet HTML 10Page - Cirrus Logic CS7620 Datasheet HTML 11Page - Cirrus Logic CS7620 Datasheet HTML 12Page - Cirrus Logic CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
CS7620
DS301PP2
11
sets the black level value at the output of the ADC
to 64 in the 13 bit digital code. This loop is active
during the optically black pixels which are output
at the beginning and end of a frame as well as dur-
ing a portion of the horizontal blanking period. The
presence of black pixels in the CCD output is indi-
cated by the CLAMP pulse, which can either be
supplied externally or generated internally if the
timing for the CCD is generated by the CS7620.
The black level can also be written to through the
serial port.
In order to acquire a starting value for the black lev-
el, the loop will run over the several lines of black
pixels at the beginning of the frame. The block di-
agram of the loop is shown in Figure 10. The up-
date rate is once per line during active pixel lines,
and once every (n + 10) pixels during the optical
black lines.
CCD
INPUT
SIGNAL
Φ1
Φ2
OUT OF
STAGE 1
OUT OF
STAGE 2
OUT OF
STAGE 3
Figure 9. Idealized timing diagram of VGA/CDS circuit
V(1)
V(2)
V(3)
V(1)
V(2)
V(3)
V(1)
V(2)
V(3)
V(1)
V(2)
ADC
Z-1
+
+
10
7
9
DAC
BINARY
TO
THERM
Z-1
FU
FP
FU = UPDATE FREQUENCY
FP = PIXEL FREQUENCY
K
CLIP
CDS/VGA
Σ
VIN
FROM SERIAL INTERFACE
+
BLK LVL LOOP
‘64’
Figure 10. Black level adjustment loop
-
GAIN REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com