Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
CS7620
DS301PP2
51
4.33
Horizontal Timing Control - H4
Default = 1Eh; Read/Write (address 2Ch)
Bit Number
765432
10
Bit Name
Reserved
h4d
h4f_reg2
h4f_reg1
h4f_reg0
h4f_reg2
h4f_reg1
h4f_reg0
Default
-
0011110
Bit
Mnemonic
Function
7-
Reserved
6h4d
During the vertical shift time, the horizontal clocks are held in one state. This
bit controls whether H4 is held high or low during this time.
A “0” indicates that the signal state is low, a “1” indicates that the signal state
is high.
5
h4f_reg2
The phase of the falling edge of H4 can be programmed through this register.
The falling edge of H4 corresponds to the rising edge of the internally selected
clock. The phases of these clocks in shown in Figure 19, with the complement-
ed clocks being the inverse of these (i.e. the falling edge of p1 is the rising
edge of p1, etc.).
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
4
h4f_reg1
3
h4f_reg0
2
h4f_reg2
The phase of the rising edge of H4 can be programmed through this register.
The rising edge of H4 corresponds to the rising edge of the internally selected
clock. The phases of these clocks in shown are Figure 19, with the comple-
mented clocks being the inverse of these.
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
1
h4f_reg1
0
h4f_reg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com