Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 10Page - Cirrus Logic CS7620 Datasheet HTML 11Page - Cirrus Logic CS7620 Datasheet HTML 12Page - Cirrus Logic CS7620 Datasheet HTML 13Page - Cirrus Logic CS7620 Datasheet HTML 14Page - Cirrus Logic CS7620 Datasheet HTML 15Page - Cirrus Logic CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
CS7620
14
DS301PP2
using the picture content as a guide, the user can se-
lect which curve will lead to the best overall dy-
namic range in the picture. The Companding
module takes 13-bit data as input, and outputs ei-
ther 10-bit companded data, 12-bit MSB-clipped
data or it lets the original 13-bit data pass through.
By programming the compander in the way that is
shown in Figure 13, it is possible to compensate for
backlighting conditions. Details in dark areas stay
visible, even in very complex lighting conditions.
These three modes can be selected through 2 regis-
ter bits in operational control.
In the 12-bit clipped mode, any input above 4095
gets clipped to 4095. In the 10-bit companded
mode, the input gets companded through a four
segment, three knees, fully programmable curve.
To program the curve, the placement of the three
knees in the companding curve must be deter-
mined. The next step is to determine the slope of
the four segments created by the three knees (slope
for each segment is defined as delta y / delta x). Fi-
nally, offsets must be calculated to keep the com-
panding curve continuous.
A fourth knee exists in the curve, which represents
the black level value. There are two options for the
10-bit black value. In case one, a linear mapping is
employed such that “blacker-than-black” pixel in-
formation is kept, with black (code 64 in the 13 bit
data) being defined as code 8 in the 10 bit domain.
The second option clips all pixel values less than
black (code 64 in the 13 bit data) to a programma-
ble offset value, offset1. This may be set to 0 if de-
sired. This option will lose the “blacker-than-
black” pixel information, but allow for slightly
more dynamic range. Note: If using the linear mode
(option 1), offset1 must be set to 8.
Registers x1 through x3 should be programmed
with the x coordinates of each one of the three
knees.
Registers slope1 through slope4 should be pro-
grammed with 256 multiplied by the calculated
slopes.
Finally, the offsets can be programmed following
the formulas below:
y1 = slope1/256 × (x1-64) + offset1
y2 = slope2/256 × (x2-x1) + y1
y3 = slope3/256 × (x3-x2) + y2
offset2 = y1 - (x1 × slope2 / 256)
offset3 = y2 - (x2 × slope3 / 256)
offset4 = y3 - (x3 × slope4 / 256)
(use integer division and discard the remainder)
When using the 10 bit companded output, be aware
of the non-linearity of the output data. If linear out-
put is needed to perform AWB or AGC, a linear
curve can be implemented to gather statistics. This
can be achieved by writing 8191 to x1 (set register
38h to 1fh and set register 39h to ffh) and setting
slope1 to 32 (set register 2eh to 00010xxxb and set
register 2fh to 20h). Once the statistics have been
gathered, all four registers should be returned to
their previous values before taking the actual pic-
ture.
Bits_out register bits
Output mode
0x
10 bits companded
10
13 bits
11
12 bits (clipped)
Table 1. Companding Operational Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com