Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
CS7620
38
DS301PP2
4.14
Timing Control - Number of Lines (LSBs)
Default = 1Ch; Read/Write (address 18h)
4.15
Timing Control - Number of Columns (MSBs)
Default = 06h; Read/Write (address 19h)
Bit Number
765432
10
Bit Name
num_lines7 num_lines6 num_lines5 num_lines4 num_lines3 num_lines2 num_lines1 num_lines0
Default
0
0
0
11100
Bit
Mnemonic
Function
7
num_lines7
Line Numbers: Bits 7 through 0 of the number of lines.
The number of lines registers should be written with the total number of lines
(rows) of the CCD including any black lines (this should not include the trans-
fer area).
The default value is 1308 which is the number of lines in a IBM35CCD2PIX1
CCD. (See Figure 28)
6
num_lines6
5
num_lines5
4
num_lines4
3
num_lines3
2
num_lines2
1
num_lines1
0
num_lines0
Bit Number
765432
10
Bit Name
Reserved
num_pixels12 num_pixels11 num_pixels10
num_pixels9
num_pixels8
Default
-
-
-
001
10
Bit
Mnemonic
Function
7:5
-
Reserved
4
num_pixles12
Column Numbers: Bits 12 through 8 of the number of columns. (See
Figure 28)
3
num_pixels11
2
num_pixels10
1
num_pixels9
0
num_pixels8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com