Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
CS7620
DS301PP2
47
4.28
Timing Control - Lines of Exposure in Low Resolution Mode (MSBs)
Default = 06h; Read/Write (address 26h)
4.29
Timing Control - Polarity of Vertical Shift Outputs
Default = FFh; Read/Write (address 28h)
Bit Number
765432
10
Bit Name
n_int7
n_int6
n_int5
n_int4
n_int3
n_int2
n_int1
n_int0
Default
0
0000110
Bit
Mnemonic
Function
7n_int7
Exposure Time in Low Resolution Mode: In low resolution mode, the
CS7620 continuously outputs data on a frame by frame basis; so it can drive
a LCD panel in a video mode. In this mode the CS7620 ignores the expose
signal.
N_int allows to shorten the exposure time while in low resolution mode.
N_int controls the amount of time (measured in readout lines) where the CCD
will be exposed to light. The default is 262, this means that the CCD receives
full exposure during readout. By decreasing n_int, the amount of exposure can
be decreased. To further increase this exposure time beyond the full 262 lines
of readout time, the n_extra register (23h and 24h) is provided.
6n_int6
5n_int5
4n_int4
3n_int3
2n_int2
1n_int1
0n_int0
Bit Number
765432
10
Bit Name
v_polarity7
v_polarity6
v_polarity5
v_polarity4
v_polarity3
v_polarity2
v_polarity1
v_polarity0
Default
1
1111111
Bit
Mnemonic
Function
7
v_polarity7
Vertical Signal Polarity: Polarity of each of the eight vertical shift outputs
(V1 V2 V3 V4 S1 S2 S3 S4), where V1 polarity = MSB, S4 polarity = LSB
A “0” indicates that the signal state is low, a “1” indicates that the signal state
is high.
6
v_polarity6
5
v_polarity5
4
v_polarity4
3
v_polarity3
2
v_polarity2
1
v_polarity1
0
v_polarity0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com