Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
CS7620
52
DS301PP2
4.34
Horizontal Timing Control - Analog Delays
Default = 00h; Read/Write (address 2Dh)
Bit Number
765432
10
Bit Name
Resrved
phase_h1
phase_h0
rgf_reg1
rgf_reg0
rgr_reg1
rgr_reg0
Default
--
000000
Bit
Mnemonic
Function
7:6
-
Reserved
5
phase_h1
Phase Shift of H1-H4 Pulses: This register allows for minor shifts in the
phases of H1-H4. This can help to optimize the sampling time of the CCD in-
put signal. 1 unit of delay is ~1.5 ns. This should be used for final adjustments
only, with large adjustments done through the selection of the appropriate
clock phases for each edge. All four horizontal clocks shift together when this
register is used.
0 - no shift
1 - 1.5 ns shift
2 - 3.0 ns shift
3 - 4.5 ns shift
4
phase_h0
3
rgf_reg1
RG Falling Edge Phase Shift: This register allows for minor shifts in the
phase of the falling edge of RG. 1 unit of delay is ~1.5 ns.
0 - no shift
1 - 1.5 ns shift
2 - 3.0 ns shift
3 - 4.5 ns shift
2
rgf_reg0
1
rgr_reg1
RG Rising Edge Phase Shift: This register allows for minor shifts in the
phase of the rising edge of RG. 1 unit of delay is ~1.5 ns.
0 - no shift
1 - 1.5 ns shift
2 - 3.0 ns shift
3 - 4.5 ns shift
0
rgr_reg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com