Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
CS7620
DS301PP2
41
4.20
Timing Control - Number of Rows until Active
Default = C6h; Read/Write (address 1Eh)
Bit Number
765432
10
Bit Name
act_rws_frst3 act_rws_frst2 act_rws_frst1 act_rws_frst0 act_rws_lst3
act_rws_lst2
act_rws_lst1
act_rws_lst0
Default
1
1000110
Bit
Mnemonic
Function
7act_rws_frst3
Active Rows: act_rws_frst corresponds to the first group of non active rows
at the top of the image, which get inverted through the lens, and get focused
onto the bottom rows of the CCD.
The register value is used by the CS7620 when the part is in the valid data
mode to generate the data valid signal on the CLKO pin.
Valid data can be set through the above mentioned registers together with
act_begin(1Fh) to define a subset of pixels to be passed to the subsequent
ASIC or DSP component. This subset may or may not include dark rows
and/or dark pixels. Please refer to Figure 28.
6act_rws_frst2
5act_rws_frst1
4act_rws_frst0
3
act_rws_lst3
Active Rows: act_rws_lst corresponds to the last group of non active rows at
the bottom of the image, which get inverted through the lens, and get focused
onto the top rows of the CCD.
The register value is used by the CS7620 when the part is in the valid data
mode to generate the data valid signal on the CLKO pin.
Valid data can be set through the above mentioned registers together with
act_begin(1Fh) to define a subset of pixels to be passed to the subsequent
ASIC or DSP component. This subset may or may not include dark rows
and/or dark pixels. Please refer to Figure 28.
2
act_rws_lst2
1
act_rws_lst1
0
act_rws_lst0
drk_rws_lst (1Bh)
blk_begin (1Ch)
blk_end (1Dh)
Dark Pixels
act_rws_lst (1Eh)
num_pixels (19h, 1Ah)
num_lines (17h, 18h)
act_rws_frst (1Eh)
shiftl_num (21h, 22h)
drk_rws_frst (1Bh)
ACTIVE PIXELS
TRANSFER
AREA
Figure 28. Typical CCD Pixel Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com