Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic CS7620 Datasheet HTML 41Page - Cirrus Logic CS7620 Datasheet HTML 42Page - Cirrus Logic CS7620 Datasheet HTML 43Page - Cirrus Logic CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
CS7620
DS301PP2
43
4.23
Timing Control - Lines in Storage Buffer (MSBs)
Default = 01h; Read/Write (address 21h)
4.24
Timing Control - Lines in Storage Buffer (LSBs)
Default = 06h; Read/Write (address 22h)
4.25
Timing Control - Extra Lines of Exposure in Low Resolution Mode (MSBs)
Default = 00h; Read/Write (address 23h)
Bit Number
765432
10
Bit Name
Reserved
shiftl_num9 shiftl_num8
Default
----
--
01
Bit
Mnemonic
Function
7:2
-
Reserved
1
shiftl_num9
Storage Buffer Lines: This value must be programmed for proper operation
in both high and low resolution modes.
Please refer to Figure 28.
0
shiftl_num8
Bit Number
765432
10
Bit Name
shiftl_num7 shiftl_num6 shiftl_num5 shiftl_num4 shiftl_num3 shiftl_num2 shiftl_num1 shiftl_num0
Default
0
0000110
Bit
Mnemonic
Function
7
shiftl_num7
Storage Buffer Lines: This value must be programmed for proper operation
in both high and low resolution modes.
The default value for shiftl_num is 262.
Please refer to Figure 28.
6
shiftl_num6
5
shiftl_num5
4
shiftl_num4
3
shiftl_num3
2
shiftl_num2
1
shiftl_num1
0
shiftl_num0
Bit Number
765432
10
Bit Name
Reserved
n_extra10
n_extra9
n_extra8
Default
----
-
000
Bit
Mnemonic
Function
7:3
-
Reserved
2
n_extra10
Extra Lines: See description for register 24h below.
1
n_extra9
0
n_extra8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com