Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 16Page - Cirrus Logic CS7620 Datasheet HTML 17Page - Cirrus Logic CS7620 Datasheet HTML 18Page - Cirrus Logic CS7620 Datasheet HTML 19Page - Cirrus Logic CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic CS7620 Datasheet HTML 22Page - Cirrus Logic CS7620 Datasheet HTML 23Page - Cirrus Logic CS7620 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
CS7620
20
DS301PP2
register programmable in terms of multiples of the
pixel clock rate.
3.6
8-Bit General Purpose DACs
Two 8-bit current-output DACs are available for
external use. Table 4 shows the output specifica-
tions of these DACs.
3.7
Stand By Mode
Stand-by mode can be entered using the PWR_DN
pin. All circuitry on chip including the DACs can
be powered down. Various functional blocks can
be powered down individually, and are controlled
through registers. Note that the DACs can be pow-
ered down in that way if not in use. During Stand
By mode, the register contents are maintained and
Expose
RD_OUT
HSYNC
V1 ... V4
H1 ... H4
S1 ... S4
vsync_md = 1
vsync_md = 0
262 lines
first read-out line
last read-out line
Figure 21. High Resolution Mode
Expose
RD_OUT
HSYNC
V1 ... V4
H1 ... H4
S1 ... S4
vsync_md = 1
vsync_md = 0
262 lines
first read-out line
last read-out line
don’t care
262 lines
first read-out line
picture n
picture n
picture (n+1)
Figure 22. Low Resolution Mode
Parameter
High impedance
mode
Low impedance
mode
Iout
2.155 mA
8.7 mA
loading
464
Ω
115
Ω
Table 4. General Purpose DAC specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com