Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 22Page - Cirrus Logic CS7620 Datasheet HTML 23Page - Cirrus Logic CS7620 Datasheet HTML 24Page - Cirrus Logic CS7620 Datasheet HTML 25Page - Cirrus Logic CS7620 Datasheet HTML 26Page - Cirrus Logic CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic CS7620 Datasheet HTML 29Page - Cirrus Logic CS7620 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
CS7620
26
DS301PP2
4
REGISTER DESCRIPTIONS
Register (hex)
Register Function
Access
Default value (hex)
00h
Software Reset
W
00
01h
Power Down Control 1
R/W
00h
02h
Power Down Control 2
R/W
00
03h-05h
Reserved
06h
Operation Control 1
R/W
09h
07h
Operation Control 2
R/W
04h
08h-0Ch
Reserved
0Dh
Black Level Control - Accumulator (LSB)
R/W
00h
0Eh
Black Level Control - Accumulator (MSB)
R/W
01h
0Fh
Black Level Control - Loop Gain, Clamp Length
R/W
0Ah
10h
Gain Calibration - Offset 1
R/W
00h
11h
Gain Calibration - Offset 2
R/W
00h
12h
Gain Calibration - Offset 3
R/W
00h
13h-15h
Reserved
16h
Gain Calibration - Fixed Gains
R/W
00h
17h
Timing Control - Number of Lines (MSB’s)
R/W
05h
18h
Timing Control - Number of Lines (LSB’s)
R/W
1Ch
19h
Timing Control - Number of Columns (MSB’s)
R/W
06h
1Ah
Timing Control - Number of Columns (LSB’s)
R/W
93h
1Bh
Timing Control - Number of Dark Rows
R/W
A4h
1Ch
Timing Control - Start of Black Pixels
R/W
04h
1Dh
Timing Control - End of Black Pixels
R/W
3Fh
1Eh
Timing Control - Number of Rows Until Active
R/W
C6h
1Fh
Timing Control - Start of Active Pixels
R/W
4Bh
20h
Timing Control - Vertical Time Division
R/W
01h
21h
Timing Control - Lines in Storage Buffer (MSB)
R/W
01h
22h
Timing Control - Lines in Storage Buffer (LSB’s)
R/W
06h
23h
Timing Control - Extra Lines of Exposure in Low Resolution
Mode (MSB’s)
R/W
00h
24h
Timing Control - Extra Lines of Exposure in Low Resolution
Mode (LSB’s)
R/W
00h
25h
Timing Control - Vsync Mode, Low Res Sensitivity, Lines of
Exposure in Low Res Mode (MSB)
R/W
01h
26h
Timing Control - Lines of Exposure in Low Res Mode (LSB) R/W
06h
27h
Reserved
28h
Timing Control - Polarity of vertical shift outputs
R/W
FFh
29h
Horizontal Timing Control - H1
R/W
68h
2Ah
Horizontal Timing Control - H2
R/W
7Ah
2Bh
Horizontal Timing Control - H3
R/W
4Ch
2Ch
Horizontal Timing Control - H4
R/W
1Eh
2Dh
Horizontal Timing Control - Analog Delays
R/W
00h
2Eh
Compander - Black slope, Slopes (MSBs)
R/W
00h
2Fh
Compander - Slope1 (LSBs)
R/W
A8h
30h
Compande - Slope2 (LSBs)
R/W
60h
31h
Compander - Slope3 (LSBs)
R/W
20h
Table 7. Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com