Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 20Page - Cirrus Logic CS7620 Datasheet HTML 21Page - Cirrus Logic CS7620 Datasheet HTML 22Page - Cirrus Logic CS7620 Datasheet HTML 23Page - Cirrus Logic CS7620 Datasheet HTML 24Page - Cirrus Logic CS7620 Datasheet HTML 25Page - Cirrus Logic CS7620 Datasheet HTML 26Page - Cirrus Logic CS7620 Datasheet HTML 27Page - Cirrus Logic CS7620 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
CS7620
24
DS301PP2
60.4 k
Ω
10 k
Ω
464
Ω
60.4 k
Ω
10 k
Ω
464
Ω
Substrate
Voltage
to CCD
to CCD
10 k
Ω ±1%
1 µF
to Microcontroller
to CCD
1000 pF
100 k
Ω
VCC
VAA
CLK_IN
RESET
from
Microcontroller
from
CCD
NC
NC
XTAL_IN
BYPASS_PLL
RST
DIAG0
DIAG1
SCAN_MODE
TEST
LINE_ENA
CLAMP
5
11253240
43
39
38
29
30
17
16
3
2
13
DOUT[0:12]
CLKO
HSYNC
RD_OUT
V[1:4]
S[1:4]
H[1:4]
RG
REF_CAPP
REF_CAPN
4
4
4
52
12
13
37
28
27
21
15
14
6
7
8
9
23
4
10243141
19
18
POWER_DOWN
EXPOSE
SCLK
SDATI
SDATO
SEN
AIN
BG_RES
DAC_OUT1
DAC_OUT2
GND
CS7620
NC
NC
NC
Figure 24. Typical Connection Diagram Using Horizontal Only Timing Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com