Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7620 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS7620
Description  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 32Page - Cirrus Logic CS7620 Datasheet HTML 33Page - Cirrus Logic CS7620 Datasheet HTML 34Page - Cirrus Logic CS7620 Datasheet HTML 35Page - Cirrus Logic CS7620 Datasheet HTML 36Page - Cirrus Logic CS7620 Datasheet HTML 37Page - Cirrus Logic CS7620 Datasheet HTML 38Page - Cirrus Logic CS7620 Datasheet HTML 39Page - Cirrus Logic CS7620 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
CS7620
36
DS301PP2
4.13
Timing Control - Number of Lines (MSBs)
Default = 05h; Read/Write (address 17h)
Bit Number
7
6
5
432
1
0
Bit Name
Reserved
num_lines12
num_lines11
num_lines10
num_lines9 num_lines8
Default
--
-
001
0
1
Bit
Mnemonic
Function
7:5
-
Reserved
4
num_lines12
Line Numbers: Bits 12 through 8 of the number of lines. (See Figure 26)
3
num_lines11
2
num_lines10
1
num_lines9
0
num_lines8
1024
512
1X
2X
4X
8X
ADC OUT
INPUT
1.07
8192
4096
1024
2048
64
Figure 26. Transfer Function of Analog Input to Digital Output (assuming full scale level of 1.07V)
64
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com